Part Number Hot Search : 
MT88E41 UFT100 M1684 100EP1 CD100 MSP43 SM5117 10000
Product Description
Full Text Search
 

To Download 50MS510M6357 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ms5 series ms5 ms5 specifications multiplier for ripple current (1) frequency coefficient operating temperature range rated voltage range capacitance tolerance leakage current(max) dissipation factor (max) load life low temperature stability impedance ratio(max) items characteristics -40~+85?c 4~50v.dc 20%(20?c, 120hz) i =0.01cv or 3 a whichever is greater. (after 2 minutes application of rated voltage) i =leakage current( a) c=nominal capacitance( f) v=rated voltage(v) rated voltage (v) tan d 0.35 4 0.26 6.3 0.22 10 0.18 16 0.16 25 0.14 35 0.12 50 rated voltage(v) z(-40?c)/z(20?c) z(-25?c)/z(20?c) 15 4 12 6.3 10 10 8 16 6 25 4 35 4 7644322 50 leakage current dissipation factor capacitance change within 25% of the initial value. not more than 200% of the specified value. not more than the specified value. after applying rated voltage with max ripple current for 1000 hrs at 85?c, the capacitors shall meet the following requirements. 85?c 5mm height. frequency(hz) coefficient 60(50) 120 500 1k 10k < = 0.8 1.0 1.20 1.30 1.50 0.8 0.1~68 f 100~330 f 1.0 1.10 1.15 1.20 (2) temperature coefficient ambient temperature (?c) coefficient 85 70 50 > = 1.0 1.6 2.0 (20?c, 120hz) (120hz) mh5 105?c version miniature aluminum electrolytic capacitors 1 oct 1999
dimensions (mm) f d f d f 3 3.5 0.4 0.45 1.0 4 1.5 5 2.0 6.3 2.5 8 standard size, max. permissible ripple current size f dxl(mm), ripple current (ma r.m.s./85?c, 120hz) 4 (0g) size ripple 6.3 (0j) size ripple 10 (1a) size ripple 16 (1c) size ripple 4.7 6.8 10 15 22 33 47 68 100 220 330 ? 4x5 11 ? 4x5 10 ? 4x5 16 4x5 22 * 4x5 13 ? 4x5 14 * 4x5 18 * 4x5 18 5x5 26 5x5 35 6.3x5 51 6.3x5 65 6.3x5 70 8x5 92 5x5 30 5x5 45 6.3x5 50 6.3x5 59 6.3x5 80 8x5 145 4x5 22 5x5 34 5x5 37 6.3x5 55 ? 4x5 20 * 4x5 27 4x5 37 5x5 45 5x5 62 6.3x5 74 6.3x5 62 8x5 120 8x5 145 8x5 145 25 (1e) size ripple 35 (1v) size ripple 50 (1h) size ripple 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 ? 4x5 ? 4x5 ? 4x5 ? 4x5 ? 4x5 ? 4x5 ? 4x5 ? 4x5 1 1.5 2.5 4 6 7 8.6 8.7 * 4x5 9.1 4x5 13 5x5 20 6.3x5 26 ? 4x5 9 * 4x5 12 4x5 14 5x5 20 6.3x5 35 6.3x5 31 6.3x5 39 8x5 60 8x5 65 5x5 27 6.3x5 46 ? 4x5 11 * 4x5 13 4x5 19 5x5 27 6.3x5 46 5x5 33 6.3x5 54 6.3x5 65 8x5 85 8x5 90 8x5 120 3mm dia. is available for marked ?, and 3.5mm dia. is available for marked * when specified. ms5 wv(v.dc) cap( f) wv(v.dc) cap( f) miniature aluminum electrolytic capacitors l+1.5max 15min 4min f d f d+0.5max sleeve f 0.5 1 oct 1999


▲Up To Search▲   

 
Price & Availability of 50MS510M6357

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X